PART |
Description |
Maker |
2SB596 2SB596O 2SB596Y |
TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 4A I(C) | TO-220AB 晶体管|晶体管|进步党| 80V的五(巴西)总裁| 4A条一(c)| TO - 220AB现有 POWER TRANSISTORS(4.0A,80V,30W)
|
Mospec Semiconductor, Corp. MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor]
|
2N1025 2N2176 2N1475 2N1027 2N1474 2N329B 2N1654 2 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 50MA I(C) | TO-5 5-Pin, Multiple-Input, Programmable Reset ICs TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 50MA I(C) | TO-5 68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 50MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 100MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 100MA I(C) | TO-5 Silicon Transistors
|
Semitronics
|
2SA1820 2SA1809 2SC3269 2SC4719 2SA1861 2SC2060 2S |
TRANSISTORS TO 92L TO-92LS MRT TRANSISTOR | BJT | PNP | 400V V(BR)CEO | 1A I(C) | SIP TRANSISTOR | BJT | PNP | 160V V(BR)CEO | 1.5A I(C) | TO-92 TRANSISTOR | BJT | NPN | 160V V(BR)CEO | 1.5A I(C) | TO-92 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 2A I(C) | SIP TRANSISTOR | BJT | NPN | 32V V(BR)CEO | 2.5A I(C) | TO-92 TRANSISTOR | BJT | PNP | 400V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR | BJT | PNP | 400V V(BR)CEO | 1A I(C) | TO-92 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 2A I(C) | TO-92 TRANSISTOR | BJT | NPN | 160V V(BR)CEO | 1.5A I(C) | SIP 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 3A I(C) | TO-92 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 5A I(C) | TO-92 TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 1A I(C) | TO-92VAR TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 700MA I(C) | TO-92 晶体管|晶体管|进步党| 80V的五(巴西)总裁| 700mA的一(c)|92 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 2A I(C) | TO-92 晶体管|晶体管|进步党| 32V的五(巴西)总裁|甲一(c)|92 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 3A I(C) | TO-92 晶体管|晶体管|叩| 25V的五(巴西)总裁| 3A条一c)|2 TRANSISTORS TO 92L TO-92LS MRT 晶体2L2LS捷运 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 1A I(C) | TO-92VAR 晶体管|晶体管|进步党| 50V五(巴西)总裁| 1A条一(c)|2VAR SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 80V的五(巴西)总裁| 1A条一(c)|2 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 300V五(巴西)总裁| 100mA的一(c)|园区 TRANSISTOR | BJT | PNP | 150V V(BR)CEO | 50MA I(C) | TO-92 晶体管|晶体管|进步党| 150伏五(巴西)总裁| 50mA的一(c)|2 TRANSISTORS TO 92L TO-92LS MRT 晶体92L92LS捷运 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 3A I(C) | TO-92 晶体管|晶体管|叩| 25V的五(巴西)总裁| 3A条一(c)|2 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 10A I(C) | SIP
|
ROHM[Rohm] Rohm CO.,LTD. Rohm Co., Ltd. Johanson Dielectrics, Inc.
|
2SAR574D |
PNP -2.0A -80V Middle Power Transistor
|
Rohm
|
BCX5316QTA |
80V PNP MEDIUM POWER TRANSISTOR IN SOT89
|
Diodes
|
2SB0949AQ |
TRANSISTOR | BJT | DARLINGTON | PNP | 80V V(BR)CEO | 2A I(C) | TO-220AB
|
|
ZXTC6720MC |
DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
|
DIODES
|
2SC2484 2SA1060 |
Silicon PNP epitaxial base mesa transistor, 80V, 5A SILICON EPITAXAL BASE VLESA TRANSISTOR
|
Panasonic Semiconductor
|
2N2894 2N2818 2N2823 2N2892 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset PNP SILICON TRANSISTOR TRANSISTOR | BJT | NPN | 200V V(BR)CEO | 20A I(C) | STR-5/16 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 30A I(C) | STR-5/16
|
SEME-LAB[Seme LAB]
|
2SB1181F5 |
TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 1A I(C) | TO-252VAR 晶体管|晶体管|进步党| 80V的五(巴西)总裁| 1A条一(c)|52VAR
|
Rohm Co., Ltd.
|
MJD44H11 MJD44H11-001 MJD45H11-001 MJD45H11T4G MJD |
SILICON POWER TRANSISTORS 8 A, 80 V, NPN, Si, POWER TRANSISTOR Power 10A 80V PLA NPN Power 10A 80V PLA PNP
|
ONSEMI[ON Semiconductor]
|